Part Number Hot Search : 
1812A 161005 HT6350 H25N120 AK5703 HT46RB50 15F00Z0 X935Z
Product Description
Full Text Search
 

To Download ABC201-1048G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcd . 002 8 4 _ aa_may - 3 1 - 2013 1 www.power - one.com data sheet ? instrumentation ? li ghting ? industrial applications ? applied computing ? renewable energy ? test and measurement ? robotics ? wireless communications abc 201 series 200 w ac/dc ? 160 w convection cooled ? - 20 to 50 deg c full load operation ? 3 x 5 x 1.5 (76.2 x 127 x 38.1 mm) ? no minimum load required ? 12 v fan & 5 v standby outputs ? inhibit, power good and fail signals ? conducted emi en 55022 - b, fcc part 15 level b ? ite safety agency approvals ? rohs compliant features applications
abc 201 series 2 www.power - one.com data sheet technical dat a : input parameter description/condition input voltage range universal input 90 - 264 vac 120 - 390 vdc input frequency range 47 - 63 hz input surge current 230 vac (cold start) 65 a max. safety ground leakage current 230 vac 300 a max input current 120 vac @ 200 w 230 vac @ 200 w 2.4 a 1.2 a output parameter description/condition voltage adjustment v1 3% transient response main output 50 to 100% load change, 50 hz, 50% duty cycle, 0.1a / usec < 10%, recovery time < 5 ms over voltage protection v1 110 to 150% rated max over current protection rated output current 110% typical short circuit protection automatic recovery set point tolerance 1% rise time < 100 msec ordering information product family volts (vdc) max load convection (1) max load 300 lfm (1) minimum load (a) ripple & noise (4) connector total regulation abc20 1 - 1005g 5.0 26.0 a 26 a 0 1% jst 2.5% abc201 - 1t05g 5.0 26.0 a 35 a 0 1% screw terminal 2.5% abc20 1 - 1012g 12 13.33 a 16.67 a 0 1% jst 2.5% abc201 - 1t12g 12 13.33a 16.67 a 0 1% screw terminal 2.5% abc20 1 - 1015g 15 10.66 a 13.33 a 0 1% jst 2.5% abc201 - 1t15g 15 10.66 a 13.33 a 0 1% screw terminal 2.5% abc20 1 - 1024g 24 6.66 a 8.33 a 0 1% jst 2.5% abc201 - 1t24g 24 6.66 a 8.33 a 0 1% screw terminal 2.5% abc201 - 1030g 30 5.33a 6.67a 0 1% jst 2.5% abc201 - 1t30g 30 5.33a 6.67a 0 1% screw terminal 2.5% abc20 1 - 1048g 48 3.33 a 4.17 a 0 1% jst 2.5% abc201 - 1t48g 48 3.33 a 4.17 a 0 1% screw terminal 2.5% vfan (all models) 12 0.5 a 0.5 a 0 20% v s/b (all models) 5 1.0 a 1.0 a 0 5%
bcd . 002 8 4 _ aa_may - 3 1 - 2013 3 www.power - one.com data sheet notes: 1. combined power from main output, vfan and vs/b should not exceed total power rating. 2. fan output tolerance is 20%. when v1 full load, vfan needs 20 ma load to be wi thin regulation specification. peak current for fan output is 1 a. 3. ripple is 2% up to 20 % load an d less than 1% above 20% load. output noise measurement is made with a 20 mhz bandwidth using a 6 twisted pair, terminated with a 10 uf tantalum capacitor in parallel with a 0.1 uf ceramic capacitor. 4. specifications are for nominal input voltage, 25 c and max load unless otherwise stated. 5. air flow over length of supply recommended (either direction) for forced air rating. 6. class 1 models have earthing tab j4. class 2 models ( - 2 suffix) have no earthing tab. 7. specifications may change without notice. 8. warranty 2 years. general specifications parameter description/condition hold up time 120 vac 10 msec 230 vac 10 msec mtbf >200 khrs bellcore tr - 332 switching frequency pfc con verter variable 35 to 250 khz, 90 khz typical resonant converter v ariable 35 to 250 khz, 90 khz typical isolation voltage input to output: min 4242 vdc weight 325 g (0.72 lbs) environmental parameter description/condition operating temperature - 20 to 70 c see derating charts below altitude operating 10,000 ft. non - operation 40,000 ft. storage temperature - 40 to +70 c humidity 95% non - condensing conducted emissions: en55022, fcc part 15 level b radiated emissions en55022, fcc part 15 level b to be controlled in end system static discharge en61000 - 4 2, 3, 4, 5 level 3 harmonic current en61000 - 3 - 2, class d signals parameter description/condition power good signal ttl signal goes high after main output is in regulation band. delay is 0.1 to 0.3 sec. power fail signal ttl signal goes low 1 msec advance before output goes out of regulation due to mains failure remote on / off to turn - on power supply short j3 pin 4 to pin 6 (psu is shipped in this configuration) remote sense compensates for 200 mv cable drop safety parameter description/condition en / ul / csa en60950 - 1+a12:2011, iec60950 - 1 2 nd +a1 2009, csa - 22.2 no 60950 - 01 - 07+ a1, ul60950 - 1 - 2011
abc 201 series 4 www.power - one.com data sheet figure 1 output power vs. temperature figure 2 dimension drawing (top and side view) mechanical input = j1 earthing tab = j4 dc output = j2 signals & aux power= j3 pin 1: ac neutral pin 2: ac line molex: 19705 - 4301 pin 1 = rtn pin 2 = rtn pin 3 = rtn pin 4 = vout pin 5 = vout pin 6 = vout pin 1 = + remote sense pin 2 = vfan (+12 v) pin 3 = - remote sense pin 4 = inhibit pin 5 = vs/b (5 vdc) pin 6 = return (signal) pin 7 =power fail pin 8 = power good mating connector: molex: 09 - 50 - 3031 pins: 08 - 50 - 0106 mating connector: molex: 190030001 mating connector: jst vhr - 6 m, pins: svh - 41t - p1.1. awg #20 to #16 mating connector: molex: 22 - 01 - 2087, pins: 08 - 50 - 0113 copyright ? 2010 power - one inc. all rights reserved. words and logos that are identified as trademarks and/or service marks are, unless noted otherw ise, the trademarks and service marks of power - one inc. in the u.s. and other countries. all other product or service names are the property of their respective holders. power - one products are protected under numerous u.s. and foreign patents and pending applications, maskwork rights, and copyrights. power - one reserves the right to make changes to any products and services at any time without notice. power - one assumes no responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly agreed to in writing by power - one inc. nuclear and medical applications - power - one products are not designed, intended for use in, or authorized for use as critical components in life su p- port systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective divisional president of power - one, inc. technical revisions - the appearance of products, including safety agency certifications pictured on labels, may change depending on the date manuf a c- tured. specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of ABC201-1048G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X